PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
24LC61-IP 24LC61-ISN 24LC61-IST 24LC61-P 24LC61-SN |
1K/2K Software Addressable I 2 C Serial EEPROM 1K/2K软件寻址的I 2 C⑩串行EEPROM 1K/2K Software Addressable I 2 C Serial EEPROM 1K/2K软件寻址I 2 C⑩串行EEPROM BOX SHIELD W/CVR 2.25X1.38X1.13,1 1K/2KSoftwareAddressableI2CSerialEEPROM 1K/2K Software Addressable I 2 C ?Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc.
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
HER301 HER305 HER302 HER303 HER304 |
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(3.0A/50-400V) 28000 GATE 3.3 VOLT LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
CS3972YTVA5 CS3972YTHA5 CS3972 CS3972YDW16 CS3972Y |
1.25A High Efficiency Switching Regulator 5V/ 750mA Linear Regulator with RESET RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics Corporation
|
PCB-1208-1YG PCB-1208-102 |
DUAL COLOR LED, YELLOW/HIGH EFFICIENCY GREEN, 5 mm SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm
|
LEDtronics, Inc. LEDTRONICS INC
|
MAX764 MAX764CPA MAX764CSA MAX764EPA MAX764ESA MAX |
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters 1.5 A SWITCHING REGULATOR, 300 kHz SWITCHING FREQ-MAX, PDSO8 -5V/-12V/-15V or Adjustable / High-Efficiency / Low IQ DC-DC Inverters From old datasheet system -5V/-12V/-15V or Adjustable High-Efficiency Low IQ DC-DC Inverters
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CD4099BMS FN3333 |
Latch, 8-Bit Addressable, Rad-Hard, CMOS, Logic CMOS 8-Bit Addressable Latch From old datasheet system
|
INTERSIL[Intersil Corporation]
|
L796BSRD L796BGD L796BID L796BSRB L796BSRC L796BSR |
The High Efficiency Red Source Color Devices T-3 SINGLE COLOR LED, HIGH EFFICIENCY RED, 8 mm
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
UF3A-UF3M HS3A-HS3M UF3A |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|